Part Number Hot Search : 
PIC18F4 PI74FCT SF4003GP 01456 C2625 AD560 CAT512 B2901
Product Description
Full Text Search
 

To Download PDN-20-250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDN-20 Series
0 POWER DIVIDERS / COMBINERS
10 to 1000 MHz / 2-Way / Low Insertion Loss / Uniform Phase & Ampli. Bal. / N-Type Connector
PRINCIPAL SPECIFICATIONS
Model Number PDN-20-250 PDN-20-500 Frequency Isolation, Insertion Range, dB, Loss, dB, MHz Min. Typ. Max. Typ. 10 - 500 5 - 1000 30 25 32 30 0.7 1.2 0.5 0.8 Phase Balance, Max. Typ. 2 3 1 2 Amplitude Balance, dB, Max. Typ. 0.2 0.3 0.1 0.2 VSWR, (In/Output) Max. Typ. 1.3:1 1.5:1 1.2:1 1.3:1 Input Power, Max. 3W 3W
CW input power when used as divider with 1.2:1 VSWRout
GENERAL SPECIFICATIONS
General Notes: 1. The PDN-20 series of 2-way In-Phase Power Dividers/Combiners covers 10 to 1000 MHz using a lumped element design for high isolation and uniform phase/amplitude balance in a conveniently sized, rugged package.
Coupling: -- 3 dB nom. Impedance: 50 nom. Internal Load Dissipation: 250 mW max. Weight, nominal: 5.6 oz. (160 g) Operating Temperature: -- 55 to +85C
Package Outline
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over mm. 3. Weight: 2.5 oz (70 g).
19Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of PDN-20-250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X